PART |
Description |
Maker |
ISL38601M-CD ISL38601M-EVAL |
ISL38601M PRISM GT miniPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M PRISM GT miniPCI IEEE 802.11g/ 802.11b WLAN NIC 5015 RR 2#16S PIN RECP ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡 ISL38601M PRISM GTminiPCI IEEE 802.11g, 802.11b WLAN NIC ISL38601M棱镜燃气轮机⑩的miniPCI IEEE 802.11g的,802.11b无线局域网网卡
|
Intersil Corporation Intersil, Corp.
|
MRF24J40-IMM MICROCHIPTECHNOLOGYINC.-MRF24J40-IMM |
IEEE 802.15.42.4 GHz RF Transceiver IEEE 802.15.4标准.4 GHz射频收发
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LT-74E73E-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
|
Optoway Technology Inc.
|
EM2420 EM2420EK EM2420DK EM2420TR |
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee的射频收发器
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Ember
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
VSC8224 |
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
|
Vitesse Semiconductor Corporation
|
BCM5751M |
10/100/1000BASE-T CONTROLLER 0/100/1000BASE-T控制 Controller with Integrated Transceiver From old datasheet system NetXtreme Gigabit Ethernet Controller for Mobile PCs
|
Electronic Theatre Controls, Inc. Broadcom ETC
|
EL9100-A1B EL9100-E1B EL9100-41B EL9100-B1B EL9100 |
Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
|
Axiomtek Co., Ltd.
|
LTC4265IDE-PBF LTC4265CDE-PBF LTC4265CDE-TRPBF LTC |
LTC4265 - IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition; Package: DFN; Number of Pins: 12; Temperature Range: 0°C to 70°C IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
|
LINEAR TECHNOLOGY CORP
|
TGAP-W610 |
Industrial EN50155 IEEE 802.11 a/b/g/n AP
|
ORing Industrial Networ...
|
AM7996 AM7996DC AM7996DCB AM7996DCTR AM7996JC AM79 |
IEEE 802.3/Ethernet/Cheapernet Transceiver
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|